Part Number Hot Search : 
PA0059 2988094 KBPC5 EK004 SRA22 RUBYCON MAX8900B FQA65N06
Product Description
Full Text Search
 

To Download LS6526 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 6525-030713-1 features: ? power derived from 3.0v lithium battery ? v dd operating range 2.3v to 3.6v ? 25 a maximum quiescent current (ls6525) ? 30 a maximum quiescent current (LS6526) ? direct interface with pir sensor ? analog signal and digital interrupt signal outputs for interfacing with a mcu ? 2.175v regulated output ? low battery indicator output (LS6526) ? ls6525 (dip), ls6525-s (soic) LS6526 (dip), LS6526-s (soic) applications: the low operating voltage and low current drain make the ls6525 / LS6526 ideal for microcontroller based portable applications such as battery operated motion detectors and photographic equipment, automatic doors, intrusion detecti on, and anywhere electric outlets are not available. description: the ls6525 / LS6526 is a cmos integrated circuit designed for detecting motion from a pir sensor and is microcontroller interface ready. it uses a 3.0v li battery as a source of energy for its operation. the detailed description of the functional blocks is as follows (refer to figure 2). amplifiers the input pir preamplifier, amp1, has a nominal gain set at 29v/v using internal resistors. an internal bias is used so that amp1o output has a quiescent voltage of 1.1v. the output of the pir amplifier is ac coupled to a second amplifier (amp2) which uses external components to set the gain. this second stage is internally biased and applied to a window comparator which has lower and higher trip levels set with respect to that bias. external components are used to set a typical gain of 22v/v. amplified signals greater in magnitude than the trip levels will cause an interrupt signal to be generated at the int open drain output, pin 12. the int output can be pulled to a voltage higher than v dd (pin 13). the output of the pir amplifier is also ac coupled to an additional amplifier (mcu amplifier) which uses external components to set the gain. an internal bias set the mco output at 0.5v and external resistors set a typical gain = 10v/v, the mco output signal can be applied to a microcontroller input for processing. figure 1 input / output description pin1 ? pyro input ? non-inverting input of pir amplifier ac coupled to source of pir signal. pin2 ? vreg output ? this output provides power to the pir sensor circuit and for all the internal amplifier circuitry. pin3 ? amp1o output ? output terminal of the pir amplifier pin4 ? mcp ? 0.5v internal bias. (internal use only. no external components.) pin5 ? mcn input ? inverting input to the mcu amplifier. pin6 ? mco output ? output of the mcu amplifier. battery powered low-power pir sensor interface ma r 2013 ls6525 LS6526 pin assignment
? 6525-030713-2 pin7 ? v1p1 ? internally biased to 1.1v and applied to non-inverting input of amp2. requires an external bypass capacitor. pin8 ? amp2n ? inverting input of amp2 amplifier. pin9 ? amp2o ? output of the amp2 amplifier. pin10 ? nc ? for ls6525. pin10 ? lobat output ? for LS6526 only. open drain output requiring an external pull- up resistor to a power-supply that can be higher than v dd . an active low at the output signifies that a low battery condition exists. pin11 ? test ? this pin is not used and must be tied to ground. pin12 ? int output ? open drain output requiring an external pull-up resist or to a power supply that can be higher than v dd . a recognized interrupt signal will be an active low at this output. pin13 ? vdd ? power supply voltage pin14 ? vss ? power supply ground
? 6525-030713-3 absolute maximum ratings: parameter symbol value unit dc supply voltage v dd +7 v input voltage v in v ss - 0.3 to v dd + 0.3 v operating temperature t a -40 to +70 c storage temperature t stg -65 to +150 c electrical characteristics: (all voltages referenced to v ss , t a = 25 c, v dd = 2.3v - 3.6v, unless otherwise specified.) parameter symbol min typ max unit conditions supply current: v dd = 2.3v ? 3.6v i dd - - 25 a ls6525, no load@vreg i dd 30 a LS6526, no load@vreg regulator: voltage v r 2.13 2.175 2.22 v source current capability i r - - 25 a amplifiers: pir amplifier gain g p 28 29.5 32 v/v vi /p 1mv p-p , 10hz r l = no load to 3m input impedance r p 2 m mcu amplifier / amp2 open loop gain g m 70 db mco output quiescent voltage v q 0.48 0.5 0.52 v amp2 internal reference v ir 1.1 v window -comparator amplifier input sensitivity to int output v s 120 v p amp1 and amp2 cascaded for net gain = 675v/v comparator v lo, threshold 1.02 v v hi, threshold 1.18 v int output v ol, int 0.1 v r pull-up = 2m , v pull-up = 3.6v v pull-up 5.5 v lobat trip voltage v trip 2.45 v hysteresis hys 0.1 v v ol, lobat 0.1 v r pull-up = 2m , v pull-up = 3.6v v pull-up 5.5 v
? 6525-030713-4 figure 2 block diagram
? 6525-030713-5 l1 68nh c1 1 f c2 1 f r1 2m c3 1 f r2 10k c4 47pf r3 4.7m c5 47pf r4 442k c6 3.3 f r5 1m c7 1 f r6 10m c8 3.3nf r7 100k c9 0.16 f r8 2m c10 10 f r9 10m r10 100k b1 typical battery used: 3v cr123a lithium pir excelitas lhi968 pyro (typical) figure 3 application schematic for LS6526. for the ls6525, pin 10 has no connection. the gain of amp2 is set using r6 and r4 to a nominal gain of 22v/v. the mcu amplifier gain is set to 10v/v using r9 and r5. r10-c9 and r7-c8 are addi tional filter stages for the mco and int outputs when applied to the microcontroller.


▲Up To Search▲   

 
Price & Availability of LS6526

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X